Part Number Hot Search : 
P12NM50 060CT 00DT1 P0603 10X20 TEG2411 72063 AS321K
Product Description
Full Text Search
 

To Download 20-354000-20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series 354000 dip to soic adapters note: aries specializes in custom design and production. in addition to the standard products shown on this page, special materials, platings, sizes, and configurations can be furnished, depending on quantities. aries reserves the right to change product specifications without notice. features: ? convenient, cost-effective means of converting dip style packaging to soic pc board layouts. specifications: ? socket body is black, ul 94v-0 glass-filled 4/6 nylon 170c continuous use temp. ? pcb is fr-4, .062 [1.58] thick. ? male adapter pin is brass alloy 360 1/2 hard per uns c36000 astm-b16-00. ? male pin plating is 200 [5.08 m] min. tin per astm b 545 type 1 or tin/lead 93/7 per astm b 545 over 100 [2.54m] nickel per sae-ams-qq-n-290. ? female contact pin is brass alloy 360 1/2 hard per uns c36000 astm-b16-00. ? female pin plating is 10 [.254m] min. gold per mil-g-45204 over 100 [2.54m] min. nickel per sae-ams-qq-n-290. ? 4-fingered collet contact is beryllium copper alloy per uns c17200 astm-b194-01. ? female contact plating is 10 [.254m] min. gold per mil-g- 45204 over 50 [1.27m] min. nickel per sae-ams-qq-n- 290. ? contact current rating=3 amps. ? operating temperature=221f [105c]. ? insertion force=180 grams/pin; withdrawal force=90 grams/pin; normal force=140 grams/pin; based on a .018 [.46] diameter test lead. ? socket accepts leads.015-.025 [.38-.64] in diameter, .100-.125 [2.54-3.18] long. mounting considerations: ? suggested pcb solder pad size=.028 [.71] min. width. male adapter pin det ail collet cont act det ail no. of pins dim."a" dim."b" dim."c" dim."d" 8 .400 [10.16] .400 [10.16] .100 [2.54] .125 [3.175] 14 .700 [17.78] .600 [15.24] .300 [7.62] .225 [5.72] 16 .800 [20.32] .700 [17.78] .350 [8.89] .225 [5.72] 20 1.000 [25.40] .900 [2 2.86] .450 [11.43] .275 [6.99] 24 1.200 [30.48] 1.100 [27.94] .550 [13.97] .325 [8.26] 28 1.400 [35.56] 1.300 [33.02] .650 [16.51] .375 [9.53] ordering informa tion xx-354000 - x0 no. of pins: 8,14, 16, 20, 24, 28 series tin/lead plating all tolerances .005 [.13] unless otherwise specified adapter pin option (see suffix table) 1=short adapter pin 2=long adapter pin part no. suffix dim. ?x ? dim. ?y ? -10 .265 [6.73] .050 [1.27] -20 .325 [8.26] .110 [2.79] printouts of this document may be out of date and should be considered uncontrolled 18009 rev.h a ll dimensions : inches [ millimeters ] frenchtown, nj usa tel: (908) 996-6841 fax: (908) 996-3891 http://www.arieselec.com ? info@arieselec.com abc


▲Up To Search▲   

 
Price & Availability of 20-354000-20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X